Part Number Hot Search : 
B23N20 2N540 DT54F TM24064B 34700 B2322BS1 60100 30KPA30A
Product Description
Full Text Search
 

To Download 0470192002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/27/2010 please check www.molex.com for latest part information part number: 0470192002 status: active overview: sim__smart_card description: 2.54mm (.100") pitch sim card connector, 6 circuits, housing height 2.00mm (.079"), lead free documents: 3d model product specification ps-47019-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family memory card sockets series 47019 button type n/a comments housing height: 2.00mm (.079") component type header/socket (host) overview sim__smart_card product name sim type n/a physical card detection switch no circuits (loaded) 6 circuits (maximum) 6 color - resin black durability (mating cycles max) 3,000 ejector button side no ejector button present entry angle horizontal keying to mating part none material - metal phosphor bronze material - plating mating gold material - plating termination gold material - resin high temperature thermoplastic pcb locator no pcb mounting side reverse pcb retention none packaging type embossed tape on reel pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 32 plating min: mating (m) 0.8 plating min: termination (in) 2 plating min: termination (m) 0.05 ports 0 temperature range - operating -30c to +85c termination interface: style surface mount electrical current - maximum per contact 0.5a shielded no voltage - maximum 15v dc solder process data duration at max. process temperature (seconds) 48 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 47019 series mates with standard sim card
lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 3 process temperature max. c 260 material info reference - drawing numbers packaging specification pk-47019-001 product specification ps-47019-001 sales drawing sd-47019-001 test summary ts-47019-001 this document was generated on 05/27/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0470192002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X